PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
HA17080APS HA17080PS HA17082APS HA17082PS HA17083A |
J-FET single operational amplifier J-FET dual operational amplifier J-FET quad operational amplifier
|
Hitachi Semiconductor
|
ISL28413FVZ-T13 ISL28213FBZ-T13 ISL28213FHZ-T7 ISL |
Quad General Purpose Micropower, RRIO Operational Amplifier; Temperature Range: Full-Range Industrial; Package: 14 Ld TSSOP T R QUAD OP-AMP, 6000 uV OFFSET-MAX, 2 MHz BAND WIDTH, PDSO14 Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|
LT1220 LT1220C LT1220CN8 LT1220CS8 LT1220M LT1220M |
XO 20MHZ 50PPM 5V 50PF-LOAD SMD-7050 TR-7-PL OP-AMP, 4000 uV OFFSET-MAX, 45 MHz BAND WIDTH, CDIP8 45MHz/ 250V/us Operational Amplifier 45MHz, 250V/us Operational Amplifier 45MHz, 250V/ms Operational Amplifier From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
KBPC106 KBPC104 KBPC102 BR310 KBPC108 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
DC Components Co., Ltd. http://
|
NJM2141 NJM2141R |
COIL VAR H FREQ .22UH TYPE 7KMM COIL VAR H FREQ .47UH TYPE 7KMM SINGLE-SUPLLY DUAL OPERATIONAL AMPLIFIER Single-Supply Dual Operational Amplifier
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
HDM8515P |
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:4; Package/Case:14-DIP; Op Amp Type:Low Power; Single Supply Voltage Min ( V):3V; Dual Supply Voltage Max ( /- V):16V; Amplifier Type:Operational; Mounting Type:Through Hole 的DVB /决策支持系统兼容接收
|
Hynix Semiconductor, Inc.
|
ALD1721 ALD1721DA ALD1721E ALD1721EDA ALD1721EPA A |
EPADMICROPOWER OPERATIONAL AMPLIFIER EPAD MICROPOWER OPERATIONAL AMPLIFIER EPAD⑩ MICROPOWER OPERATIONAL AMPLIFIER
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
UPC4250G2-E1 |
Single operational amplifier
|
NEC
|
UPC815C UPC815C1 UPC816 |
Single operational amplifier
|
NEC
|
UPC4071G2-E1 UPC4071G2-E2 UPC4071G2-T2 UPC4071G2-T |
Single operational amplifier
|
NEC
|